Part Number Hot Search : 
ATS03 MU759 A25L04 MMUN2114 CO55CC 2SC5829 2SJ578 MMBZ5240
Product Description
Full Text Search
 

To Download PA12A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P r o d u c t II n n o v a t ii o n F r o m Product nnovat on From
PA12 PA12A PA12 **PA12A
FEATURES
* LOWTHERMALRESISTANCE--1.4C/W * CURRENTFOLDOVERPROTECTION--NEW * HIGHTEMPERATUREVERSION--PA12H * EXCELLENTLINEARITY--ClassA/BOutput * WIDESUPPLYRANGE--10Vto50V * HIGHOUTPUTCURRENT--Upto15APeak
APPLICATIONS
* MOTOR,VALVEANDACTUATORCONTROL * MAGNETICDEFLECTIONCIRCUITSUPTO10A * POWERTRANSDUCERSUPTO100kHz * TEMPERATURECONTROLUPTO360W * PROGRAMMABLEPOWERSUPPLIESUPTO90V * AUDIOAMPLIFIERSUPTO120WRMS
POWERRATING
8-PINTO-3 PACKAGESTYLECE
DESCRIPTION
The PA12 is a state of the art high voltage, very high output current operational amplifier designed to drive resistive, inductive and capacitive loads. For optimum linearity, especially at low levels, the output stage is biased for class A/B operation using a thermistor compensated base-emitter voltage multiplier circuit. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limiting resistors. For continuous operation under load, a heatsink of proper rating is recommended. The PA12 is not recommended for gains below -3 (inverting) or +4 (non-inverting). This hybrid integrated circuit utilizes thick film (cermet) resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is hermetically sealed and electrically isolated. The use of compressible isolation washers voids the warranty.
Not all vendors use the same method to rate the power handling capability of a Power Op Amp. APEX rates the internal dissipation, which is consistent with rating methods used by transistor manufacturers and gives conservative results. Rating delivered power is highly application dependent and therefore can be misleading. For example, the 125W internal dissipation rating of the PA12 could be expressed as an output rating of 250W for audio (sine wave) or as 440W if using a single ended DC load. Please note that all vendors rate maximum power using an infinite heatsink.
THERMALSTABILITY
APEX has eliminated the tendency of class A/B output stages toward thermal runaway and thus has vastly increased amplifier reliability. This feature, not found in most other Power Op Amps, was pioneered by APEX in 1981 using thermistors which assure a negative temperature coefficient in the quiescent current. The reliability benefits of this added circuitry far outweigh the slight increase in component count.
EXTERNALCONNECTIONS
EQUIVALENTSCHEMATIC
Cirrus Logic, PA12U Inc.
http://www.cirrus.com

Copyright (c) Cirrus Logic, Inc. 2007 (All Rights Reserved)
NOV 2007 1 PA12U rev R
PA12 * PA12A
ABSOLUTE MAXIMUM RATINGS SPECIFICATIONS
Product Innovation From
ABSOLUTEMAXIMUMRATINGS
SPECIFICATIONS
PARAMETER INPUT OFFSET VOLTAGE, initial OFFSET VOLTAGE, vs. temperature OFFSET VOLTAGE, vs. supply OFFSET VOLTAGE, vs. power BIAS CURRENT, initial BIAS CURRENT, vs. temperature BIAS CURRENT, vs. supply OFFSET CURRENT, initial OFFSET CURRENT, vs. temperature INPUT IMPEDANCE, DC INPUT CAPACITANCE COMMON MODE VOLTAGE RANGE3 COMMON MODE REJECTION, DC GAIN OPEN LOOP GAIN at 10Hz OPEN LOOP GAIN at 10Hz GAIN BANDWIDTH PRODUCT @ 1MHz POWER BANDWIDTH PHASE MARGIN, AV = +4 OUTPUT VOLTAGE SWING3 VOLTAGE SWING3 VOLTAGE SWING3 CURRENT, peak SETTLING TIME to .1% SLEW RATE CAPACITIVE LOAD CAPACITIVE LOAD POWER SUPPLY VOLTAGE CURRENT, quiescent THERMAL RESISTANCE, AC, junction to case4 RESISTANCE, DC, junction to case RESISTANCE, junction to air TEMPERATURE RANGE, case
SUPPLY VOLTAGE, +Vs to -Vs OUTPUT CURRENT, within SOA POWER DISSIPATION, internal INPUT VOLTAGE, differential INPUT VOLTAGE, common mode TEMPERATURE, pin solder -10s TEMPERATURE, junction1 TEMPERATURE RANGE, storage OPERATING TEMPERATURE RANGE, case TEST CONDITIONS 2, 5 TC = 25C Full temperature range TC = 25C TC = 25C TC = 25C Full temperature range TC = 25C TC = 25C Full temperature range TC = 25C TC = 25C Full temperature range Full temp. range, VCM = VS -6V TC = 25C, 1K load Full temp. range, 8 load TC = 25C, 8 load TC = 25C, 8 load Full temp. range, 8 load TC = 25C, PA12 = 10A, PA12A = 15A TC = 25C, IO = 5A Full temp. range, IO = 80mA TC = 25C TC = 25C, 2V step TC = 25C Full temperature range, AV = 4 Full temperature range, AV > 10 Full temperature range TC = 25C TC = -55 to +125C, F > 60Hz TC = -55 to +125C TC = -55 to +125C Meets full range specification MIN PA12 TYP 2 10 30 20 12 50 10 12 50 200 3 VS -3 100 110 108 4 20 20 MAX 6 65 200 30 500 30
PA12/PA12A 100V 15A 125W 37V VS 300C 200C -65 to +150C -55 to +125C MIN PA12A TYP 1 * * * 10 * * 5 * * * * * * * * * * MAX 4 40 * 20 * 20 UNITS mV V/C V/V V/W nA pA/C pA/V nA pA/C M pF V dB dB dB MHz kHz V V V A s V/s nF
VS -5 74
* *
96 13
* *
VS -6 VS -5 VS-5 10 2.5
2 4
* * * 15 1.5 SOA 45 50 .9 1.4 +85 -55 *
* *
* * 50 * * * +125
10
40 25 .8 1.25 30
*
* * * * *
V mA C/W C/W C/W C
-25
NOTES: * The specification of PA12A is identical to the specification for PA12 in applicable column to the left. 1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to achieve high MTTF. 2. The power supply voltage for all tests is 40, unless otherwise noted as a test condition. 3. +VS and -VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to -VS. 4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz. 5. Full temperature range specifications are guaranteed but not 100% tested.
CAUTION
2
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or subject to temperatures in excess of 850C to avoid generating toxic fumes.


PA12U
Product Innovation From
PA12 * PA12A
TYPICAL PERFORMANCE GRAPHS
PA12U

3
PA12 * PA12A
OPERATING CONSIDERATIONS
Product Innovation From
GENERAL
Please read Application Note 1 "General Operating Considerations" which covers stability, supplies, heat sinking, mounting, current limit, SOA interpretation, and specification interpretation. Visit www.apexmicrotech.com for design tools that help automate tasks such as calculations for stability, internal power dissipation, current limit; heat sink selection; Apex's complete Application Notes library; Technical Seminar Workbook; and Evaluation Kits.
SAFEOPERATINGAREA(SOA)
The output stage of most power amplifiers has three distinct limitations: 1. The current handling capability of the transistor geometry and the wire bonds. 2. The second breakdown effect which occurs whenever the simultaneous collector current and collector-emitter voltage exceeds specified limits. 3. The junction temperature of the output transistors.
load and short circuits to the supply rail or common if the current limits are set as follows at TC = 25C: SHORT TO VS SHORT TO VS C, L, OR EMF LOAD COMMON 50V .30A 2.4A 40V .58A 2.9A 35V .87A 3.7A 30V 1.5A 4.1A 25V 2.4A 4.9A 20V 2.9A 6.3A 15V 4.2A 8.0A These simplified limits may be exceeded with further analysis using the operating conditions for a specific application.
CURRENTLIMITING
Refer to Application Note 9, "Current Limiting", for details of both fixed and foldover current limit operation. Visit the Apex web site at www.apexmicrotech.com for a copy of the Power Design spreadsheet (Excel) which plots current limits vs. steady state SOA. Beware that current limit should be thought of as a +/-20% function initially and varies about 2:1 over the range of -55C to 125C. For fixed current limit, leave pin 7 open and use equations 1 and 2. RCL = 0.65/LCL (1) ICL = 0.65/RCL (2) Where: ICL is the current limit in amperes. RCL is the current limit resistor in ohms. For certain applications, foldover current limit adds a slope to the current limit which allows more power to be delivered to the load without violating the SOA. For maximum foldover slope, ground pin 7 and use equations 3 and 4. 0.65 + (Vo * 0.014) ICL = (3) RCL 0.65 + (Vo * 0.014) (4) RCL = ICL Where: Vo is the output voltage in volts. Most designers start with either equation 1 to set RCL for the desired current at 0v out, or with equation 4 to set RCL at the maximum output voltage. Equation 3 should then be used to plot the resulting foldover limits on the SOA graph. If equation 3 results in a negative current limit, foldover slope must be reduced. This can happen when the output voltage is the opposite polarity of the supply conducting the current. In applications where a reduced foldover slope is desired, this can be achieved by adding a resistor (RFO) between pin 7 and ground. Use equations 4 and 5 with this new resistor in the circuit. Vo * 0.14 0.65 + 10.14 + RFO ICL = (5) RCL Vo * 0.14 0.65 + 10.14 + RFO RCL = (6) ICL Where: RFO is in K ohms.
The SOA curves combine the effect of all limits for this Power Op Amp. For a given application, the direction and magnitude of the output current should be calculated or measured and checked against the SOA curves. This is simple for resistive loads but more complex for reactive and EMF generating loads. However, the following guidelines may save extensive analytical efforts. 1. Capacitive and dynamic* inductive loads up to the following maximum are safe with the current limits set as specified. CAPACITIVE LOAD INDUCTIVE LOAD VS ILIM = 5A ILIM = 10A ILIM = 5A ILIM = 10A 50V 200F 125F 5mH 2.0mH 40V 500F 350F 15mH 3.0mH 35V 2.0mF 850F 50mH 5.0mH 30V 7.0mF 2.5mF 150mH 10mH 25V 25mF 10mF 500mH 20mH 20V 60mF 20mF 1,000mH 30mH 15V 150mF 60mF 2,500mH 50mH *If the inductive load is driven near steady state conditions, allowing the output voltage to drop more than 8V below the supply rail with ILIM = 15A or 25V below the supply rail with ILIM = 5A while the amplifier is current limiting, the inductor must be capacitively coupled or the current limit must be lowered to meet SOA criteria. 2. The amplifier can handle any EMF generating or reactive
4



PA12U
Product Innovation From
PA12 * PA12A
Copyright (c) 2007 Cirrus Logic, Inc. All rights reserved Printed in the USA Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained is this document is accurate and reliable. However, the information is subject to change without notice and is provided `as is' without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied upon is current and complete. All products are sold subject to the terms and conditions of sales supplied at the time of order acknowledgement, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and, by furnishing this information, Cirrus grants no license, express or implied, under any patents. Mask work rights, copyrights, trademarks, trade secrets, or other intellectual property rights. No part of this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any for or by any means (electronic, mechanical, photographic, or otherwise) unless distributed in its entirety with all copyright notices attached. No part of this publication may be used as a basis for manufacture or sale of any items without the prior written consent of Cirrus. Certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage ("critical applications"). Cirrus products are not designed, authorized, or warranted to be suitable for use in products surgically implanted into the body, automotive safety or security devices, life-support products or other critical applications, inclusion of Cirrus products in such applications is understood to be fully at the customer's risk and cirrus disclaims and makes no warranty of merchantability and fitness for particular purpose, with regard to any Cirrus product that is used in such a manner. If the customer uses or permits the use of Cirrus products in critical products in critical applications, customer agrees, by such use, to fully indemnify Cirrus, its officers, directors, employees, distributors and other agents from any and all liability, including attorneys' fees and costs that may result from or arise in connection with these uses. Cirrus Logic, Cirrus, the Cirrus Logic logo designs, Apex, and Apex Precision Power are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners.
CIRRUS LOGIC, INC. * 5980 N SHANNON ROAD, TUCSON, AZ 85741 USA * TELEPHONE (520) 690-8600 APPLICATIONS SUPPORT (800) 546-2739 * FAX (520) 888-3329 * EMAIL support@cirrus.com ORDERS (520) 690-8601 * FAX (520) 690-7749 * EMAIL teamsales@cirrus.com
PA12U

5


▲Up To Search▲   

 
Price & Availability of PA12A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X